Part Number Hot Search : 
AMS2908 75M50 7C516 TIP120G TIP120G A12181 KT961 MAX5097
Product Description
Full Text Search
 

To Download MMSZ5235B12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmsz5226b - mmsz5257b ? zeners ? 2012 fairchild semiconductor corporation www.fairchildsemi.com mmsz5226b - mmsz5257b rev. e2 1 february 2012 mmsz5226b - mmsz5257b zeners absolute maximum ratings * t a = 25 c unless otherwise noted * these ratings are limiting values above which the serviceability of the diode may be impaired. ** fr-4 or fr-5 = 3.5 1.5 inches using minimumrecommended land pads. electrical characteristics t a = 25 c unless otherwise noted symbol parameter value units p d power dissipation @25 c500mw r ja thermal resistance, juncion to ambient ** 340 c/w t stg storage temperature range -55 to +150 c t j operating junction temperture +150 c device mark v z (v) z z ( ) @ i zk (ma) z zk ( ) @ i zk (ma) i r ( a) @ v r (v) min. typ. max. mmsz5226b mmsz5227b mmsz5228b mmsz5229b d1 d2 d3 d4 3.135 3.42 3.705 4.085 3.3 3.6 3.9 4.3 3.465 3.78 4.095 4.515 28 24 23 22 20 20 20 20 1,600 1,700 1,900 2,000 0.25 0.25 0.25 0.25 25 15 10 5.0 1.0 1.0 1.0 1.0 mmsz5230b mmsz5231b mmsz5232b mmsz5233b d5 e1 e2 e3 4.465 4.845 5.32 5.7 4.7 5.1 5.6 6 4.935 5.355 5.88 6.3 19 17 11 7.0 20 20 20 20 1,900 1,600 1,600 1,600 0.25 0.25 0.25 0.25 5.0 5.0 5.0 5.0 2.0 2.0 3.0 3.5 mmsz5234b mmsz5235b mmsz5236b mmsz5237b e4 e5 f1 f2 5.89 6.46 7.125 7.79 6.2 6.8 7.5 8.2 6.51 7.14 7.875 8.61 7.0 5.0 6.0 8.0 20 20 20 20 1,000 750 500 500 0.25 0.25 0.25 0.25 5.0 3.0 3.0 3.0 4.0 5.0 6.0 6.5 mmsz5238b mmsz5239b mmsz5240b mmsz5241b mmsz5242b f3 f4 f5 h1 h2 8.265 8.645 9.5 10.45 11.4 8.7 9.1 10 11 12 9.135 9.555 10.5 11.55 12.6 8.0 10 17 22 30 20 20 20 20 20 600 600 600 600 600 0.25 0.25 0.25 0.25 0.25 3.0 3.0 3.0 2.0 1.0 6.5 7.0 8.0 8.4 9.1 mmsz5243b mmsz5244b mmsz5245b mmsz5246b mmsz5247b h3 h4 h5 j1 j2 12.35 13.3 14.25 15.2 16.15 13 14 15 16 17 13.65 14.7 15.75 16.8 17.85 13 15 16 17 19 9.5 9.0 8.5 7.8 7.4 600 600 600 600 600 0.25 0.25 0.25 0.25 0.25 0.5 0.1 0.1 0.1 0.1 9.9 10 11 12 13 v f foward voltage = 0.9v maximum @ i f = 10ma for all mmsz5200 series sod-123 tolerance = 5%
mmsz5226b - mmsz5257b ? zeners ? 2012 fairchild semiconductor corporation www.fairchildsemi.com mmsz5226b - mmsz5257b rev. e2 2 electrical characteristics (continued) t a = 25 c unless otherwise noted device mark v z (v) z z ( ) @ i zk (ma) z zk ( ) @ i zk (ma) i r ( a) @ v r (v) min. typ. max. mmsz5248b mmsz5249b mmsz5250b mmsz5251b mmsz5252b j3 j4 j5 k1 k2 17.1 18.05 19 20.92 22.8 18 19 20 22 24 18.9 19.95 21 23.1 25.2 21 23 25 29 33 7.0 6.6 6.2 5.6 5.2 600 600 600 600 600 0.25 0.25 0.25 0.25 0.25 0.1 0.1 0.1 0.1 0.1 14 14 15 17 18 mmsz5253b mmsz5254b mmsz5255b mmsz5256b mmsz5257b k3 k4 k5 m1 m2 23.75 25.65 26.6 28.5 31.35 25 27 28 30 33 26.25 28.35 29.4 31.5 34.65 35 41 44 49 58 5.0 4.6 4.5 4.2 3.8 600 600 600 600 700 0.25 0.25 0.25 0.25 0.25 0.1 0.1 0.1 0.1 0.1 19 21 21 23 25 v f foward voltage = 0.9v maximum @ i f = 10ma for all mmsz5200 series
mmsz5226b - mmsz5257b ? zeners ? 2012 fairchild semiconductor corporation www.fairchildsemi.com mmsz5226b - mmsz5257b rev. e2 3 typical performance characteristics figure 1. zener current vs. zener voltage figure 2. zener current vs. zener impedence figure 3. 3.3 zener voltage vs. temperature figure 4. 5.1 zener voltage vs. temperature figure 5. 12 zener voltage vs. zener temperature figure 6. 33 zener voltage vs. zener temperature 12 5102030 5 10 15 20 25 30 35 i - zener current (ma) v - zener voltage (v) t = 25 c o a z z v = 12.0v z v = 3.3v z v = 5.1v z v = 33.0v z 0.1 0.2 0.5 1 2 5 10 20 1 2 5 10 20 50 100 200 500 1000 2000 5000 i - zener current (ma) z - impedance (ohms) t = 25 c o a z z v = 3.3v z v = 5.1v z v = 12.0v z v = 33.0v z 12 5102030 1 2 3 4 5 i - zener current (ma) v - zener voltage (v) t = -25 c o a z z v = 3.3v z t = 85 c o a t = 100 c o a t = 25 c o a t = 125 c o a 12 510203 0 4 4.5 5 5.5 6 i - zener current (ma) v - zener voltage (v) t = -25 c o a z z v = 5.1v z t = 85 c o a t = 100 c o a t = 25 c o a t = 125 c o a 12 5102030 0 5 10 15 i - zener current (ma) v - zener voltage (v) t = -25 c o a z z v = 12.0v z t = 85 c o a t = 100 c o a t = 25 c o a t = 125 c o a 12 5102030 20 25 30 35 40 i - zener current (ma) v - zener voltage (v) t = -25 c o a z z v = 33.0v z t = 85 c o a t = 100 c o a t = 25 c o a t = 125 c o a
? fairchild semiconductor corporation www.fairchildsemi.com trademarks the following includes registered and unregistered trademarks and service marks, owned by fairchild semiconductor and/or its gl obal subsidiaries, and is not intended to be an exhaustive list of all such trademarks. 2cool accupower ax-cap * bitsic build it now coreplus corepower crossvolt ctl current transfer logic deuxpeed ? dual cool? ecospark ? efficientmax esbc ? fairchild ? fairchild semiconductor ? fact quiet series fact ? fast ? fastvcore fetbench flashwriter ? * fps f-pfs frfet ? global power resource sm greenbridge green fps green fps e-series g max gto intellimax isoplanar making small speakers sound louder and better? megabuck microcoupler microfet micropak micropak2 millerdrive motionmax motion-spm mwsaver optohit optologic ? optoplanar ? ? powertrench ? powerxs? programmable active droop qfet ? qs quiet series rapidconfigure saving our world, 1mw/w/kw at a time? signalwise smartmax smart start solutions for your success spm ? stealth superfet ? supersot -3 supersot -6 supersot -8 supremos ? syncfet sync-lock? ? * the power franchise ? tinyboost tinybuck tinycalc tinylogic ? tinyopto tinypower tinypwm tinywire transic trifault detect truecurrent ? * p serdes uhc ? ultra frfet unifet vcx visualmax voltageplus xs? * trademarks of system general corporation, used under license by fairchild semiconductor. disclaimer fairchild semiconductor reserves the right to make changes without further notice to any products herein to improve reliability, function, or design. fairchild does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. these specifications do not expand the terms of fairchild?s worldwide terms and conditions, specifically the warranty therein, which covers these products. life support policy fairchild?s products are not authorized for use as critical components in life support devices or systems without the express written approval of fairchild semiconductor corporation. as used herein: 1. life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. a critical component in any component of a life support, device, or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. anti-counterfeiting policy fairchild semiconductor corporation's anti-counterfeiting policy. fairchild's anti-counterfeiting policy is also stated on our external website, www.fairchildsemi.com, under sales support. counterfeiting of semiconductor parts is a growing problem in the industry. all manufacturers of semiconductor products are exp eriencing counterfeiting of their parts. customers who inadvertently purchase counterfeit parts experience many problems such as loss of brand reputation, substa ndard performance, failed applications, and increased cost of production and manufacturing delays. fairchild is taking strong measures to protect ourselv es and our customers from the proliferation of counterfeit parts. fairchild strongly encourages customers to purchase fairchild parts either directly from fa irchild or from authorized fairchild distributors who are listed by country on our web page cited above. products customers buy either from fairchild directly or fr om authorized fairchild distributors are genuine parts, have full traceability, meet fairchild's quality standards for handling and storage and provide access to fa irchild's full range of up-to-date technical and product information. fairchild and our authorized distributors will stand behind all warranties and will appropriately addr ess any warranty issues that may arise. fairchild will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. fairchild is c ommitted to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors . product status definitions definition of terms datasheet identification product status definition advance information formative / in design datasheet contains the design specifications for product development. specifications may change in any manner without notice. preliminary first production datasheet contains preliminary data; supplementary data will be published at a later date. fairchild semiconductor reserves the right to make changes at any time without notice to improve design. no identification needed full production datasheet contains final specifications. fairchild semiconductor reserves the right to make changes at any time without notice to improve the design. obsolete not in production datasheet contains specifications on a product that is discontinued by fairchild semiconductor. the datasheet is for reference information only. rev. i61


▲Up To Search▲   

 
Price & Availability of MMSZ5235B12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X